Part Number Hot Search : 
U16U10PT HZS33 FQP6N45 LP203104 RATION VN920 F1005 ISR1030C
Product Description
Full Text Search
 

To Download SEL5421E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-1 Unicolor lamps
5mm Pitch Lead 3 Lens LEDs
SEL5021 Series (available as Direct Mount)
Forward Voltage Part Number SEL5221S SEL5821A SEL5921A SEL5721C SEL5421E SEL5521C Emitting Color Red Amber Orange Yellow Green Pure green Lens Color Transparent red Transparent orange Transparent orange Water clear Transparent green Water clear VF (V) TYP 1.9 1.9 1.9 2.0 2.0 2.0 MAX 2.5 2.5 2.5 2.5 2.5 2.5 Conditions IF (mA) 10 10 10 10 10 10 Luminous Intensity Peak Wavelength Iv Conditions (mcd) IF (mA) TYP 35 20 60 20 60 20 90 20 95 20 35 20 P (nm) TYP 630 610 587 570 560 555 Conditions IF (mA) 10 10 10 10 10 10 Dominant Wavelength Spectrum Half Bandwidth d Conditions (nm) IF (mA) TYP 620 10 605 10 590 10 571 10 567 10 559 10 (nm) TYP 35 35 33 30 20 20 Conditions IF (mA) 10 10 10 10 10 10 Chip Material GaAsP GaAsP GaAsP GaP GaP GaP
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Dimensional Tolerance: 0.3
6.00.2
Cathode mark Resin burr 0.3max Resin heap 0.8max
3.20.2
o3.0
0.2
5.80.5
0 30 60 30 60 60 30
0 30 60
3.9
0.65max
23.0min
0.5+0.1
0.50.1
90 100%
50
0
50
90 100%
90 100%
50
0
50
90 100%
1.0min
(5.0)
1.4
Cathode 3.6
6.2
Product Mass: Approx. 0.23 g
242
LEDs
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SEL5421E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X